PART |
Description |
Maker |
IRFU420B IRFR420B IRFU420BTU IRFR420BTM IRFR420BTF |
500V N-Channel B-FET / Substitute of IRFR420 & IRFR420A 500V N-Channel B-FET / Substitute of IRFU420 & IRFU420A 500V N-Channel MOSFET 2.3 A, 500 V, 2.6 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251
|
FAIRCHILD[Fairchild Semiconductor] International Rectifier Fairchild Semiconductor, Corp.
|
IRFI830G IRFI830GPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=3.1A) HEXFET? Power MOSFET Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=3.1A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=3.1A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)\u003d 1.5ohm,身份证\u003d 3.1A
|
IRF[International Rectifier] International Rectifier, Corp.
|
FDH50N50 FDA50N50 |
500V N-Channel MOSFET 48 A, 500 V, 0.105 ohm, N-CHANNEL, Si, POWER, MOSFET 500V N-Channel UniFET
|
Fairchild Semiconductor, Corp. http:// FAIRCHILD[Fairchild Semiconductor]
|
IRFP460 IRFP460PBF |
20 A, 500 V, 0.27 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)\u003d 0.27ohm,身份证\u003d 20A条) 500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package
|
International Rectifier, Corp.
|
STH15NB50FI STW15NB50 STH15NB50 4867 W15NB50 STW15 |
N-CHANNEL 500V - 0.33W - 14.6A -T0- 247/ISOWATT218 PowerMESH MOSFET N-CHANNEL 500V - 0.33 - 14.6A -T0-
247/ISOWATT218 PowerMESH TM MOSFET N-CHANNEL Power MOS MOSFET From old datasheet system N-CHANNEL 500V - 0.33ohm - 14.6A - T0-247/ISOWATT218 PowerMESH MOSFET
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IRF840 IRF840PBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A) Power MOSFET(Vdss=500V/ Rds(on)=0.85ohm/ Id=8.0A)
|
IRF[International Rectifier]
|
IRFI840GLC IRFI840GLCPBF |
Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=4.5A) Power MOSFET(Vdss=500V/ Rds(on)=0.85ohm/ Id=4.5A) HEXFET? Power MOSFET 500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
IRF[International Rectifier]
|
IRFP32N50K IRFP32N50 IRFP32N50KPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package From old datasheet system HEXFET? Power MOSFET Power MOSFET(Vdss=500V, Rds(on)typ.=0.135ohm, Id=32A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)典\u003d 0.135ohm,身份证\u003d 32A条)
|
IRF[International Rectifier] International Rectifier, Corp.
|
STE38NB50 5564 |
N-Channel 500V-0.11Ω-38A- ISOTOP PowerMESHTM MOSFET(N沟道MOSFET) N沟道500V -0.11Ω- 38A条,1000V的集电极PowerMESHTM MOSFET的(不适用沟道MOSFET的) N - CHANNEL PowerMESH MOSFET N - CHANNEL 500V - 0.11 - 38A - ISOTOP PowerMESH TM MOSFET From old datasheet system N - CHANNEL 500V - 0.11 ohm - 38A - ISOTOP PowerMESH MOSFET
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IRFP448 448IRF IRFP448PBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=500V/ Rds(on)=0.60ohm/ Id=11A) HEXFET? Power MOSFET Power MOSFET(Vdss=500V, Rds(on)=0.60ohm, Id=11A)
|
IRF[International Rectifier]
|
IRFB17N50L IRFB17N50LPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A) HEXFET? Power MOSFET Power MOSFET(Vdss=500V/ Rds(on)typ.=0.28ohm/ Id=16A)
|
IRF[International Rectifier]
|